Part Number Hot Search : 
IPW60 GG456C MAX1425 04598 TFS400 70HF60M D5702 HMC64809
Product Description
Full Text Search
 

To Download P0901CA2LRP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  sidactor ? protection thyristors 93 revised: february 22, 2011 ? 2011 littelfuse, inc. speci?cations are subject to change without notice. please refer to www.littelfuse.com for current information. slic protection fixed voltage twinslic? series - modi?ed do-214 electrical characteristics fixed voltage series modi?ed do-214 are uni- directional sidactor ? devices designed to protect slics (subscriber line interface circuit) from damaging overvoltage transients. the series provides single port protection using ?xed voltage switching devices for negative surges. all positive surges are routed through internal diodes to a ground reference. description features and bene?ts t low voltage overshoot t low on-state voltage t does not degrade with use t fails short circuit when surged in excess of ratings t integrated diodes for positive voltage surges t single-port protection agency approvals agency agency file number e133083 schematic symbol pinout designation part number marking v drm @l drm =5a v s @100v/s i h i s i t v t @i t =2.2 amps v f capacitance v min v max ma min ma max a max v max v max pin 1-2, 3-2 p0641ca2lrp p62a 58 77 120 800 2.2 4 5 see capacitance values table p0721ca2lrp p72a 65 88 120 800 2.2 4 5 P0901CA2LRP p92a 75 98 120 800 2.2 4 5 p1101ca2lrp p02a 95 130 120 800 2.2 4 5 p1301ca2lrp p131a 120 160 120 800 2.2 4 5 p1701ca2lrp p17a 160 200 120 800 2.2 4 5 pin 3 pin 1 pin 2 applicable global standards t tia-968-a t tia-968-b t itu k.20/21 enhanced level t itu k.20/21 basic level t gr 1089 inter-building* t gr 1089 intra-building* t iec 61000-4-5 t yd/t 1082 t yd/t 993 t yd/t 950 * series resistance required notes: - absolute maximum ratings measured at t a = 25oc (unless otherwise noted). - devices are uni-directional 1 3 2 (t) (g) (r)
sidactor ? protection thyristors 94 revised: february 22, 2011 ? 2011 littelfuse, inc. speci?cations are subject to change without notice. please refer to www.littelfuse.com for current information. slic protection package symbol parameter value unit modi?ed do-214aa pin 3 pin 1 pin 2 t j operating junction temperature range up  c t s storage temperature range up  c r 0 ja thermal resistance: junction to ambient 85 c/w series surge ratings series i pp i tsm 50/60 hz di/dt 0.2x310 1 0.5x700 2 2x10 1 2x10 2 8x20 1 1.2x50 2 10x160 1 10x160 2 10x560 1 10x560 2 5x320 1 9x720 2 10x360 1 10x360 2 10x1000 1 10x1000 2 5x310 1 10x700 2 a min a min a min a min a min a min a min a min a min a min a/s max a20 15015090 507575 45 7520500 thermal considerations note: off-state capacitance (c o ) is measured at 1 mhz with a 2 v bias. capacitance values part number pf pin 1-2 / 3-2 tip-ground, ring-ground pf pin 1-3 tip-ring min max min max p0641ca2lrp 40 70 20 45 p0721ca2lrp 35 70 20 45 P0901CA2LRP 30 65 20 40 p1101ca2lrp 25 55 15 35 p1301ca2lrp 25 45 15 30 p1701ca2lrp 25 40 15 25 notes: 1 current wavef orm in s 2 voltage wavef orm in s 50 100 0 t r t d 0 peak value half value t C time (s) i pp C peak pulse current C %i pp t r = rise time to peak value t d = decay time to half value waveform = t r x t d t r x t d pulse waveform v-i characteristics i h i drm v drm v t +v +i v s i s i t v f -v -i - peak pulse current rating (i pp ) is repetitive and guaranteed for the life of the product. - i pp sbujohtbqqmjdbcmfpwfsufnqfsbuvsfsbohfpg?$up ?$ - the device must initially be in thermal equilibrium with -40c < t j <  ?$
sidactor ? protection thyristors 95 revised: february 22, 2011 ? 2011 littelfuse, inc. speci?cations are subject to change without notice. please refer to www.littelfuse.com for current information. slic protection 25c case temperature (t c ) - oc 2.0 1. 8 1. 6 1. 4 1. 2 1. 0 0.8 0.6 0.4 -40 -20 0 20 40 60 80 100 120 140 160 ratio of i h i h (t c = 2 5 oc) normalized v s change vs. junction temperature normalized dc holding current vs. case temperature time temperature t p t l t s(max) t s(min) 2 5 t p t l t s time to peak temperature (t 2 5 oc to peak) ramp-down ramp-up preheat critical zone t l to t p figure 1 soldering parameters physical speci?cations environmental speci?cations lead material copper alloy terminal finish 100% matte-tin plated body material ul recognized epoxy meeting ?ammability classi?cation 94v-0 high temp voltage blocking 80% rated v drm (v ac 1fbl
 ?$ps ?$  or 1008 hrs. mil-std-750 (method 1040) jedec, jesd22-a-101 temp cycling ?$up ?$ njoexfmm vqup cycles. mil-std-750 (method 1051) eia/jedec, jesd22-a104 biased temp & humidity 52 v dc  ?$
3) vqupist&*" jedec, jesd22-a-101 high temp storage ?$ist.*-45% .fuipe
 jedec, jesd22-a-101 low temp storage -65c, 1008 hrs. thermal shock ?$up ?$ njoexfmm tfdusbotgfs  10 cycles. mil-std-750 (method 1056) jedec, jesd22-a-106 autoclave (pressure cooker test) ?$ 3) bun vqupist&*" jedec, jesd22-a-102 resistance to solder heat ?$ tfdt.*-45% .fuipe
moisture sensitivity level 3)  ?$ ist sfnpxdzdmft ?$ peak). jedec-j-std-020, level 1 re?ow condition pb-free assembly (see fig. 1) pre heat - temperature min (t s(min) ) ?$ - temperature max (t s(max) ) ?$ - time (min to max) (t s ) 60-180 secs. average ramp up rate (liquidus temp (t l ) to peak) 3c/sec. max. t s(max) to t l - ramp-up rate 3c/sec. max. re?ow - temperature (t l ) (liquidus) ?$ - temperature (t l ) 60-150 secs. peak temp (t p )  
?$ time within 5c of actual peak temp (t p ) 30 secs. max. ramp-down rate 6c/sec. max. time 25c to peak temp (t p ) 8 min. max. do not exceed ?$ -8 -40 -20 0 20 40 60 80 100 120 140 160 -6 -4 0 2 4 6 8 10 12 14 junction temperature (t j ) C c percent of v s change C % 2 5 c
sidactor ? protection thyristors 96 revised: february 22, 2011 ? 2011 littelfuse, inc. speci?cations are subject to change without notice. please refer to www.littelfuse.com for current information. slic protection part marking part numbering xxxxx part number code (refer to electrical characteristics table) date code xxxxx p a l rp xxx 1 c construction variable reel pack package type rohs compliant type p = sidactor median voltage 2 twinslic identifier (two chip device) i pp rating packing options tape and reel speci?cation modi?ed do-214aa dimensions modi?ed do-214aa 0.079 (2.0) 0.040 (1.0) 0.030 (0.76) 0.079 (2.0) 0.079 (2.0) 0.110 (2.8) pad outline (mm) h k j e f g a c b m d n p pin 3 pin 1 pin 2 dimensions are in inches (and millimeters). package type description quantity added suf?x industry standard c modi?ed do-214aa 3-leaded tape and reel pack 2500 rp eia-481-d 0.49 (12.4) 0. 5 12 (13.0) arbor hole dia. 12.99 (330.0) dimensions are in inches (and millimeters). direction of feed 0.472 (12.0) 0.360 (9.2) 0.315 (8.0) 0.157 (4.0) pin 2 pin 1 pin 3 dimensions are in inches (and millimeters). dimensions inches millimeters min max min max a 0.130 0.156 3.30 3.95 b 0.201 0.220 5.10 5.60 c 0.077 0.087 1.95 2.20 d 0.159 0.181 4.05 4.60 e 0.030 0.063 0.75 1.60 f 0.075 0.096 1.90 2.45 g 0.002 0.008 0.05 0.20 h 0.077 0.104 1.95 2.65 k 0.006 0.016 0.15 0.41 m 0.022 0.028 0.56 0.71 n 0.027 0.033 0.69 0.84 p 0.052 0.058 1.32 1.47


▲Up To Search▲   

 
Price & Availability of P0901CA2LRP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X